Part Number Hot Search : 
LS6106 2310A UPA27 RS601M10 N2238 MV8813 HG50089 B250A
Product Description
Full Text Search
 

To Download SLP2950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SLP2950
100mA Low-Dropout
Elektronische Bauelemente
RoHS Compliant Product
Voltage Regulator
Description
The SLP2950 is a monolithic integrated voltage regulator with low dropout voltage, and low quiescent current. It includes many features that suitable for different applications.
SEATING PLANE
A
D
TO-92
E S1
b1
Features
* Current And Thermal Limiting * Extremely Tight Load And Line Regulation
* Very Low Temperature Coefficient * High Accuracy 2.5,3.0,3.3,3.6 or 5.0V Fixed Output * Extremely Low Quiescent Current And Dropout Voltage
REF. Millimeter Min. Max. 4.45 4.7 1.02 0.36 0.51 0.36 0.76 0.36 0.51 REF. D E L e1 e
e b
C
Applications
* Cellular Phones * Battery Powered Equipment
A S1 b b1 C
Millimeter Min. Max. 4.44 4.7 3.30 3.81 12.70 1.150 1.390 2.42 2.66
Application Circuit
SLP2950
Absolute Maximum Ratings
Parameter
Input Voltage Output Current Output Voltage Storage Temperature Max. Juction Temperature Operating Juction Temperature
Symbol
VCC IOUT VOUT TSTG Tjmax Tj
Ratings
-0.3~+30
100 2.5~5.0 -65~+150 150 -40~+150
Unit
V mA V
o o
C C
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
SLP2950
Elektronische Bauelemente
100mA Low-Dropout Voltage Regulator
Electrical Characteristics (TJ=25 : , VIN=6V, IO=100 A, and Co=1 F, unless otherwise specified)
Parameter Output Voltage Symbol VOUT Condition
SLP2950-25 SLP2950-30 SLP2950-33 SLP2950-36 SLP2950-50
100 A IO TJ TJMAX
100mA
Line Regulation Load Regulation Current Limit Output Voltage Temperature Coefficient Dropout Voltage Ground Current Dropout Ground Current Output Voltage Noise f=10Hz~100kHz
measured at 1V differential.
REGLINE REGLOAD ILIM TC VDROPOUT IQ eN
VO+1 VIN 30V 100 A IO 100mA VOUT=0
Min 2.45 2.94 3.23 3.53 4.90 -
TYP 2.5 3.0 3.3 3.6 5.0 0.04 0.1 160 20 50 380 75 8 110 430 160
Max 2.55 3.06 3.36 3.67 5.10 0.4 0.3 200
Unit
V
% % mA
ppm/ :
IO=100 A IO=100mA(Note1) IO=100 A IO=100mA VIN=VO-0.5V, IO=100 A Co=1 F Co=200 F
-
80 450 120 12 170 -
mV A mA A V
Note 1: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value
Characteristics Curve
Fig 1. Dropout Characteristics
Fig 2. Input Current
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
SLP2950
Elektronische Bauelemente
100mA Low-Dropout Voltage Regulator
Fig 3. Dropout Voltage
(uA)
Fig 4. Ground Pin Current
Fig 5. Ground Pin Current
Fig 6. Dropout Voltage
Fig 7. Short Circuit Current
h tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of SLP2950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X